ATS-03B-71-C2-R0
AI

The **ATS-03B-71-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions to define its dimensions and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ HS |
| **Attachment Type** | Push Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 20mm |
| **Thermal Resistance** | ~6.73°C/W (at 100 LFM) |
---
### 2. Key Component Features
#### A. Fin Design
The "71" in the part number indicates a specific fin pattern. These are typically **Straight Fins** or **Cross-Cut Fins** designed to optimize airflow. The design ensures that heat is efficiently transferred from the baseplate to the surrounding air.
#### B. Attachment Mechanism (pushPIN™)
Instead of using adhesive tape, this part uses a **Push Pin** system with a brass or plastic pin and a compression spring.
* **Benefits:** Provides consistent pressure on the component (TIM - Thermal Interface Material) and allows for secure mounting to a PCB with pre-drilled holes.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that the heat sink comes pre-applied with **ATS-PPS-02** or a similar high-performance thermal grease, ensuring low thermal resistance between the chip and the metal.
---
### 3. Applications and Usage
This part is commonly used in industrial and commercial electronics where space is limited but high heat dissipation is required:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Cooling of MOSFETs or voltage regulators.
---
### 4. Comparison of Thermal Performance
The efficiency of this heat sink varies based on the airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.73 |
| 200 (1.0 m/s) | 2.22 |
| 500 (2.5 m/s) | 1.14 |
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Can this heat sink be used with a custom fan shroud?