ATS-03B-92-C2-R0
AI

The **ATS-03B-92-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to Printed Circuit Boards (PCBs).
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-03B-92-C2-R0 |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 16.48°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Fin Style** | Straight Fin (High Density) |
---
### 2. Physical Design & Construction
* **Fin Geometry:** It features a straight-fin design. These fins are optimized to provide a large surface area for heat dissipation while maintaining a low profile to fit in space-constrained electronics.
* **Material Science:** Constructed from **Aluminum 6063**, which offers a balance between thermal conductivity and weight. The **Blue Anodized** finish isn't just for aesthetics; it provides surface protection against corrosion and increases thermal emissivity.
* **The Push-Pin Mechanism:** This part uses a spring-loaded push-pin assembly.
* **Spring:** Provides consistent downward pressure on the processor/chip.
* **Pins:** Designed for 3.0mm diameter holes in the PCB.
---
### 3. Thermal Performance Profile
The efficiency of this part depends heavily on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 16.48 |
| 400 (2.0 m/s) | 6.11 |
| 600 (3.0 m/s) | 4.34 |
| 800 (4.0 m/s) | 3.51 |
---
### 4. Application Use-Cases
This specific heat sink is commonly used for cooling:
* **BGA (Ball Grid Array) Chips:** Such as CPUs, GPUs, or FPGAs.
* **Telecommunications Gear:** Routers and switches where vertical space is limited to 15mm.
* **Embedded Systems:** Industrial PCs where mechanical vibration requires a secure push-pin mount rather than simple adhesive tape.
### 5. Part Number Breakdown
```text
ATS - 03 - B - 92 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Thermal Interface Material (T766)
| | | +------------ Fin Pitch/Pattern Identifier
| | +---------------- Fin Height/Type
| +--------------------- Push-Pin Series
+-------------------------- Advanced Thermal Solutions
```
- ⤷
What is the significance of the T766 thermal interface material mentioned in the part number?
- ⤷ How do I calculate if the 16.48°C/W resistance is sufficient for my specific chip?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?