ATS-03B-94-C2-R0
AI

The **ATS-03B-94-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** family of high-performance heat sinks.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance (Flowing Air)** | 4.49°C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 11.52°C/W |
---
### 2. Key Features and Parts
#### A. The Heat Sink Body
The body is designed with a **tapered fin pattern**. This geometry is engineered to maximize surface area while minimizing pressure drop, allowing for better airflow through the fins. The blue anodized finish is not just aesthetic; it provides surface protection and slightly improves thermal emissivity.
#### B. The pushPIN™ Attachment System
This part uses a specific mechanical mounting system instead of adhesive. It consists of:
* **Brass/Steel Springs:** Provides a consistent "Normal Force" to ensure the heat sink remains in firm contact with the electronic component (CPU/GPU/FPGA).
* **Plastic/Metal Pins:** These snap into pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied **Thermal Interface Material**. This is a specialized pad or grease located on the base of the heat sink that fills microscopic air gaps between the component and the metal, significantly improving heat transfer.
---
### 3. Application Use Cases
This specific model is commonly used for cooling:
* **Northbridge/Southbridge** chipsets on motherboards.
* **FPGAs and ASICs** in telecommunications equipment.
* **Embedded Systems** where vertical space allows for a 25mm height profile.
- ⤷
What are the differences between pushPIN™ and thermal adhesive mounting?
- ⤷ How does the 'LFM' (Linear Feet per Minute) rating affect thermal resistance?
- ⤷ Can this heat sink be customized for different PCB hole patterns?