ATS-03C-159-C2-R0
AI

The **ATS-03C-159-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Overall Dimensions** | 45.00mm x 45.00mm |
| **Height (Fin height)** | 20.00mm |
| **Pitch (Spacing)** | 1.14mm |
| **Thermal Resistance** | 2.09°C/W (at 200 LFM) |
---
### 2. Design Characteristics
This electronic cooling component utilizes several engineering features to manage heat effectively:
* **Fin Pattern:** It features a **Fine-Pitch** design. This increases the surface area available for heat dissipation within a compact footprint.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance phase-change material that ensures a low-resistance path between the component and the heat sink.
* **Attachment Style:** It uses a **Push-Pin** mechanism with a brass/plastic pin and a stainless steel spring. This ensures consistent pressure (clamping force) on the electronic chip, which is vital for thermal performance.
---
### 3. Application Use Cases
This part is commonly integrated into the following electronic systems:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited but thermal output is high.
3. **Power Electronics:** Managing heat for large MOSFET arrays or voltage regulators.
4. **Computing:** Chipset cooling for motherboards or specialized processing units.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how many degrees Celsius the component will rise per watt of power dissipated.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 3.94 |
| 200 (1.0 m/s) | 2.09 |
| 300 (1.5 m/s) | 1.67 |
| 400 (2.0 m/s) | 1.44 |
- ⤷How do I calculate if this heat sink is sufficient for my 15W chip?
- ⤷ What are the benefits of Blue Anodized finish over a plain finish?
- ⤷ Is the T766 thermal material reusable if I remove the heat sink?