ATS-03D-142-C2-R0
AI

The part number **ATS-03D-142-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" heat sink series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
Below are the key mechanical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with compression springs) |
| **Dimensions** | 30mm x 30mm x 15mm |
| **Thermal Resistance** | 1.90°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin (Extrusion) |
| **Compliance** | RoHS Compliant |
---
### 2. Breakdown of the Part Number
The nomenclature for ATS heat sinks typically follows a specific logic:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **03**: Series indicator (Push-pin type).
* **D**: Material/Style indicator (Aluminum).
* **142**: Size/Geometry code (30mm x 30mm).
* **C2**: Thermal Interface Material (TIM) and Finish code (usually T766 phase change material or similar).
* **R0**: Revision/Packaging code.
---
### 3. Key Component Features
#### A. Thermal Interface Material (TIM)
The "C2" suffix indicates that the heat sink comes pre-applied with a high-performance **Thermal Interface Material**. This eliminates the need for manual application of thermal paste and ensures consistent heat transfer between the chip and the aluminum base.
#### B. Push Pin Mounting System
The unit uses a mechanical push-pin system with a spring. This provides:
1. **Constant Pressure:** Ensures the heat sink stays flat against the component.
2. **Tool-less Installation:** Can be installed manually by pushing the pins through pre-drilled holes in the PCB.
3. **Vibration Resistance:** The spring tension helps prevent the heat sink from shifting during transport or operation.
#### C. Straight Fin Design
The fins are oriented in a straight pattern, making this part ideal for **forced convection** (airflow directed by a fan). The aluminum construction provides a balance between lightweight design and efficient heat dissipation.
---
### 4. Applications
This specific heat sink is commonly found in:
* **Networking Equipment:** Routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling MOSFETs or small voltage regulators.
---
- ⤷What are the PCB hole size requirements for the push-pin mounting?
- ⤷ How does the air flow direction affect the thermal resistance of this model?
- ⤷ What is the maximum operating temperature for the pre-applied TIM?