ATS-03D-151-C1-R0
AI

The **ATS-03D-151-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of this specific model:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Type** | Push-pin (Spring-loaded) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 3.90°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 35.00mm x 35.00mm x 20.00mm |
| **Weight** | ~40.00 grams |
---
## 2. Key Component Features
### A. Fin Design
This model utilizes a **Square-Fin** or **Cross-Cut** pattern. Unlike straight fins, this pattern allows for multi-directional airflow, making it highly efficient in "crowded" PCB environments where airflow direction may be turbulent or inconsistent.
### B. Attachment Mechanism: pushPIN™
The "R0" suffix indicates the use of the ATS pushPIN™ mounting system.
* **Hardware:** It uses plastic or brass push-pins with a precise compression spring.
* **Reliability:** This ensures a constant, high-pressure contact between the heat sink and the component, optimizing the thermal interface.
* **Ease of Use:** It allows for quick installation and minimizes the risk of over-tightening which could crack a silicon die.
### C. Thermal Interface Material (TIM)
Typically, these units come pre-applied with a **T766** high-performance thermal phase-change material or grease on the base, ensuring there are no air gaps between the heat sink and the electronic part.
---
## 3. Performance Analysis
Thermal resistance is measured in **°C/W** (Degrees Celsius per Watt). A lower number indicates better cooling performance.
* **At 100 LFM (Linear Feet per Minute):** 3.90 °C/W
* **At 500 LFM:** 1.58 °C/W
This data shows that the ATS-03D-151-C1-R0 is highly "active-cooling dependent"—its efficiency more than doubles when air velocity increases from a light breeze to a strong fan-driven flow.
---
- ⤷
How do I calculate if this heat sink is sufficient for a 15W component?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes for heat sinks?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?