ATS-03D-152-C2-R0
AI

The **ATS-03D-152-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for electronic components that require efficient thermal management, such as CPUs, GPUs, and power modules.
### 1. Technical Specifications
The part is characterized by its physical dimensions, thermal resistance, and material composition.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-03D-152-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 15mm |
| **Attachment Method** | push-PIN™ |
| **Thermal Resistance** | 3.32°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### 2. Key Electronic Components & Features
#### A. The push-PIN™ Attachment System
This heat sink uses a specialized **push-PIN™** mechanism.
- **Component:** It consists of a pre-drilled hole set and a flexible spring-loaded pin.
- **Benefit:** This ensures constant pressure on the electronic component, which improves heat transfer and prevents the heat sink from shifting during vibration or shipping.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with **T766 thermal phase change material**.
- **Role:** It fills microscopic air gaps between the heat sink and the electronic chip (IC).
- **Performance:** It offers lower thermal resistance than standard pads, allowing heat to flow more freely into the aluminum fins.
#### C. Fin Design (Heat Dissipation)
The **Straight Fin** geometry is optimized for forced-air cooling (fans).
- In an electronic enclosure, airflow directed across these fins removes the heat collected from the semiconductor.
- The blue anodized finish is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
---
### 3. Usage Context
This part is typically used on **Printed Circuit Boards (PCBs)** where high-density components are located.
```python
# Example of calculating temperature rise for this part
# Formula: Rise = Power(W) * Thermal Resistance(C/W)
power_consumption_watts = 10
thermal_resistance = 3.32 # @ 200 LFM airflow
temp_rise = power_consumption_watts * thermal_resistance
print(f"The component temperature will rise {temp_rise} degrees Celsius above ambient.")
```
---
- ⤷
What are the alternative attachment methods to push-PIN for this heat sink?
- ⤷ How does airflow speed (LFM) affect the thermal resistance of this specific part?
- ⤷ Is the T766 thermal material permanent or does it require reapplication?