ATS-03D-202-C2-R0
AI

The **ATS-03D-202-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and power transistors.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing)** | 14.83 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 23.97 °C/W |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Pitch** | Fine Pitch |
| **Pattern** | XC-CUT |
---
## 2. Key Electronic & Mechanical Components
### A. The Heat Sink Body
* **Material:** Made from high-grade aluminum for optimal heat conductivity.
* **XC-CUT Design:** The fins are designed with an XC-CUT pattern, which enhances airflow across the surface area, making it ideal for high-density electronic assemblies.
* **Fine Pitch:** The spacing between the fins is narrow, maximizing the surface area for heat dissipation within a small footprint (45mm x 45mm).
### B. The pushPIN™ Attachment System
Instead of using messy adhesives or simple clips, this model uses a specialized mechanical attachment:
* **Spring-Loaded Bolts:** These provide a precise amount of "Firm Tension" to ensure the heat sink remains in constant contact with the electronic chip.
* **Compression Springs:** They prevent the heat sink from shifting during vibration or shipping, which is critical for industrial or automotive electronics.
### C. Thermal Interface Material (TIM)
* **Pre-applied Coating:** This specific model usually comes with a pre-applied high-performance thermal interface material (T766) on the base. This eliminates the air gaps between the chip and the heat sink, ensuring efficient heat transfer.
---
## 3. Thermal Performance Comparison
The effectiveness of this part depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Res (°C/W)** | 14.83 | 10.55 | 8.73 | 7.63 | 6.87 |
---
## 4. Application Use Cases
1. **Network Switches:** Cooling ASICs that process high volumes of data.
2. **Embedded Systems:** Used in industrial PCs where space is limited but heat generation is high.
3. **Power Supplies:** Dissipating heat from MOSFETs and voltage regulators.
- ⤷
What are the different pushPIN attachment options available for this series?
- ⤷ How does the 'XC-CUT' fin design compare to a standard straight-fin design?
- ⤷ Can the T766 thermal interface material be replaced with a different compound?