ATS-03D-30-C2-R0
AI

The **ATS-03D-30-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* (ATS).
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is designed for cooling electronic components such as CPUs, GPUs, or high-power transistors using a "Push-Pin" mounting mechanism.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-03D-30-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
### 2. Physical Dimensions
Precision measurements are critical for PCB clearance and component fit.
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width (Footprint)** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Pitch** | Fine-Pitch |
| **Pin Material** | Brass (with Stainless Steel Spring) |
### 3. Thermal Performance
Thermal resistance indicates how efficiently the heat sink moves heat away from the semiconductor.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 LFM (1.0 m/s)** | 5.31 °C/W |
| **300 LFM (1.5 m/s)** | 3.79 °C/W |
| **400 LFM (2.0 m/s)** | 3.01 °C/W |
| **500 LFM (2.5 m/s)** | 2.53 °C/W |
---
### 4. Key Electronic Design Features
* **Push-Pin Attachment:** The use of a brass push-pin with a compression spring ensures a secure, consistent pressure on the electronic package, optimizing heat transfer and preventing damage during vibration.
* **High Aspect Ratio Fins:** The "maxiFLOW™" fin geometry increases the surface area for heat dissipation while maintaining a low pressure drop, making it ideal for systems with limited airflow.
* **Pre-applied TIM:** The inclusion of **T766** thermal interface material ensures that there is no air gap between the component (e.g., a chip) and the heat sink base, maximizing thermal conductivity right out of the box.
* **Non-Conductive Finish:** The blue anodized coating provides corrosion resistance and a level of electrical insulation, though the primary heat transfer surface is usually machined flat for contact.
---
### 5. Application Examples
* **BGA Cooling:** Ball Grid Array components that generate significant heat.
* **Power Supplies:** Regulating temperatures of MOSFETs or voltage regulators.
* **Telecommunications:** Cooling chips in high-speed networking hardware.
- ⤷What are the specific hole patterns required on a PCB for this push-pin model?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is this heat sink compatible with passive cooling or does it require a fan?