ATS-03D-31-C2-R0
AI

The **ATS-03D-31-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 10.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 25.25 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.14 °C/W @ 100 LFM |
---
### 2. Key Electronic Components & Design Features
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the **ATS-03D-31-C2-R0** uses a mechanical push-pin system.
- **Spring Loading:** Ensures a precise and consistent downward pressure (load) on the electronic chip, which optimizes the thermal interface.
- **Reliability:** This prevents the heat sink from shifting during vibration or thermal cycling, a common failure point in high-power electronics.
#### B. Thermal Interface Material (TIM)
The part comes pre-applied with **T766** thermal grease.
- **Function:** This fills microscopic air gaps between the heat sink base and the electronic component (CPU, GPU, or FPGA).
- **Efficiency:** T766 is designed for high thermal conductivity, reducing the "thermal bottleneck" at the junction.
#### C. Fin Geometry (Straight Fin)
The straight-fin design is optimized for **forced air cooling** (active cooling with fans). The vertical fins provide a large surface area for heat dissipation into the surrounding airflow.
---
### 3. Common Applications
This heat sink is typically found in the following electronic systems:
1. **Networking Equipment:** Routers, switches, and base stations.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and high-current modules.
4. **Telecommunications:** Data center hardware requiring low-profile cooling solutions (10mm height).
---
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do the push-pin hole patterns (43mm x 43mm) affect PCB layout?
- ⤷ Is this heat sink compatible with standard 50mm cooling fans?