ATS-03D-66-C2-R0
AI

The **ATS-03D-66-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" thermal management series, designed to cool electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications Table
The following table highlights the core physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Cross-Cut (Square Pin) |
| **Dimensions** | 45.00mm x 45.00mm x 35.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 5.77°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to describe the heat sink's geometry and mounting:
1. **ATS-03**: Denotes the specific product series and pin configuration.
2. **D**: Indicates the thermal resistance class or specific fin density.
3. **66**: Represents the specific dimensions and profile height (35mm in this case).
4. **C2**: Specifies the material and finish (Aluminum with Blue Anodized finish).
5. **R0**: Refers to the revision and packaging standard.
---
### 3. Key Electronic/Thermal Features
* **Heat Dissipation:** The "Cross-Cut" square pin design allows for omnidirectional airflow. This is critical in electronics where air may be blowing from multiple angles, ensuring the component doesn't overheat regardless of the fan placement.
* **PushPIN™ Technology:** This mounting system uses a flexible, spring-loaded mechanism. It provides precise pressure on the electronic chip, which optimizes the contact between the chip surface and the heat sink base, improving thermal conductivity.
* **Integrated TIM:** The **T766** Thermal Interface Material is pre-applied to the base. This "grey phase" material fills microscopic air gaps between the heat sink and the electronic component (like a processor), significantly lowering the thermal resistance.
* **High Aspect Ratio:** At 35mm tall, this is a "high profile" heat sink intended for applications where vertical space is available but thermal load is significant.
---
### 4. Common Applications
This part is typically found in:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial PCs:** Motherboards requiring active or passive cooling.
* **Power Electronics:** Cooling for MOSFETs or IGBT modules.
- ⤷
How does the 'Cross-Cut' fin design compare to straight fin heat sinks?
- ⤷ What are the advantages of using pushPIN mounts over traditional adhesive thermal tape?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?