ATS-03D-86-C2-R0
AI

The **ATS-03D-86-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is part of the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Technical Specifications
The table below highlights the core physical and thermal characteristics of this component.
| Characteristic | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Thermal Resistance** | 2.50 °C/W (at 100 LFM) |
| **Fin Type** | Fine-Pitch |
| **Fin Pattern** | Straight |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
---
### 2. Key Features and Components
To understand the "electronic parts" or design elements of this assembly, we can break it down into its functional segments:
#### A. Thermal Interface Material (TIM)
The "R0" at the end of the part number usually signifies the pre-applied thermal interface material.
* **Material:** Usually high-performance phase-change material or thermal grease.
* **Purpose:** To eliminate air gaps between the heat source (CPU/GPU/FPGA) and the heat sink base, ensuring maximum heat transfer.
#### B. PushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, this part uses a mechanical fastening system:
* **Springs:** Provides consistent pressure (Pre-assembled with a compression spring).
* **Pins:** Designed to fit into 3.00mm diameter holes in the PCB.
* **Engagement:** Ensures the heat sink remains secure during vibration or shock.
#### C. Fin Geometry
* The **Fine-Pitch** design increases the surface area available for heat dissipation without significantly increasing the physical footprint.
* It is optimized for forced air cooling (airflow from fans).
---
### 3. Application Use Cases
This component is typically used in high-density electronic environments such as:
1. **Telecommunications:** Cooling of high-speed processors in switches and routers.
2. **Embedded Systems:** Protecting SoCs (System on Chips) from thermal throttling.
3. **Industrial Controls:** Heat management for power-intensive components on compact PCBs.
---
### 4. Part Number Breakdown (Example)
`ATS-03D-86-C2-R0`
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **03:** series identifier.
* **D:** Attachment type / Performance level.
* **86:** Specific design/size configuration.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Thermal Interface Material / Packaging variant.
- ⤷
What are the PCB hole requirements for the pushPIN system used in this heat sink?
- ⤷ How does the thermal resistance of this part change under different airflow (LFM) conditions?
- ⤷ Is this heat sink compatible with standard 35mm BGA components?