ATS-03D-91-C3-R0
AI

The **ATS-03D-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling processors and other surface-mount components.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-03D-91-C3-R0 |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical & Electronic Functionality
The primary purpose of this part is to increase the surface area of a heat-generating electronic component (like a CPU, FPGA, or GPU), allowing heat to dissipate into the surrounding air more efficiently.
* **Thermal Performance:** It is designed to lower the junction temperature of semiconductors. Its performance varies based on airflow:
* **At 200 LFM (Linear Feet per Minute):** Approx 4.90 °C/W thermal resistance.
* **At 500 LFM:** Approx 2.70 °C/W thermal resistance.
* **The "Push-Pin" Mechanism:** This model uses a brass push-pin system. These pins pass through pre-drilled holes in the PCB (Printed Circuit Board). The springs provide a consistent "downward force" (pressure) to ensure maximum contact between the heat sink and the chip.
* **Material properties:** The **Blue Anodized** finish is not just for aesthetics; it provides corrosion resistance and improves thermal emissivity.
---
### 3. Usage Context
This part is typically found in:
* **Telecommunications:** Cooling network switches and routers.
* **Embedded Systems:** Industrial PCs or controllers.
* **Power Electronics:** Managing heat for high-speed data processing chips.
---
### 4. Mounting Hole Layout (Standard)
```text
(40mm)
<---------->
+----------+ ^
| O O | |
| | | (40mm)
| O O | |
+----------+ v
(Push-pins located at specific pitch
to match PCB drill patterns)
```
- ⤷What is the difference between T412 and other Thermal Interface Materials used in ATS heat sinks?
- ⤷ How do I calculate if the 4.90 °C/W resistance is sufficient for my specific chip?
- ⤷ What are the specific hole diameter requirements for the brass push-pins on the PCB?