ATS-03E-07-C2-R0
AI

The **ATS-03E-07-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and FPGAs.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 16.97°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Fin Style** | XC-Cut (Cross-Cut) |
---
### 2. Electronic Component Breakdown
#### A. The Heatsink Body
* **XC-Cut Design:** Unlike straight-fin heatsinks, the XC-cut (cross-cut) pattern allows for omnidirectional airflow. This means it can capture air from any direction, making it more efficient in cramped electronic enclosures.
* **Aluminum Construction:** Chosen for its balance between thermal conductivity, weight, and cost.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization layer provides a small degree of electrical insulation and increases the surface emissivity, slightly improving radiant heat transfer.
#### B. Mounting Hardware (The "03E" Designation)
* **Push Pins:** This part uses plastic push pins that snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Compression Springs:** These ensure a consistent "clamping force" (pressure) between the heatsink and the chip, which is critical for maximizing the efficiency of the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
* The **"R0"** suffix typically indicates that the part comes with a pre-applied thermal tape or phase-change material on the base. This eliminates the need for manual application of thermal paste during assembly.
---
### 3. Typical Applications
This component is generally used to manage the thermal load of:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Industrial PCs:** Ensuring stability in high-temperature environments.
3. **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
---
- ⤷
What is the significance of the 'C2' code in the ATS part numbering system?
- ⤷ How do I calculate the required airflow (LFM) for this heatsink in my circuit?
- ⤷ Can this heatsink be mounted using adhesive instead of push pins?