ATS-03F-02-C2-R0
AI

The **ATS-03F-02-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components such as CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 23.98°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Fin Type** | Fine Pitch (Straight Fin) |
---
### 2. Design and Component Breakdown
#### A. The Heat Sink Body
Constructed from high-grade aluminum, the body features a "Fine Pitch" fin design. This increases the surface area available for heat dissipation while maintaining a compact footprint (40mm x 40mm).
#### B. The pushPIN™ Attachment
Unlike adhesive-based heatsinks, the `ATS-03F-02-C2-R0` utilizes a mechanical push-pin system.
* **Springs:** Provides consistent pressure to ensure the thermal interface material (TIM) makes perfect contact with the heat source.
* **Pins:** Designed to fit into standard holes on a Printed Circuit Board (PCB).
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates that the heatsink comes pre-applied with **T766 Phase Change Material**. This eliminates the need for manual thermal paste application and ensures uniform coverage.
---
### 3. Thermal Performance Analysis
Performance is measured by how effectively the part moves heat away from the chip into the surrounding air.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 23.98 |
| 300 (1.5 m/s) | 8.31 |
| 500 (2.5 m/s) | 5.49 |
| 700 (3.5 m/s) | 4.47 |
---
### 4. Key Advantages
1. **Mechanical Reliability:** The push-pin design is more vibration-resistant than thermal tape.
2. **Ease of Assembly:** Features a "snap-on" mechanism that reduces labor time during manufacturing.
3. **Low Profile:** At only 15mm tall, it is suitable for 1U server racks or low-profile consumer electronics.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does 'Blue Anodized' finish affect the thermal emissivity of the part?
- ⤷ Can this heatsink be used with active cooling fans?