ATS-03F-07-C3-R0
AI

The **ATS-03F-07-C3-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series, designed to provide secure and efficient cooling for electronic components like CPUs, GPUs, and FPGAs.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body), Copper (Optional Base in some variants) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Attachment Type** | pushPIN™ (Spring-loaded plastic or brass pins) |
| **Thermal Resistance** | 17.09 °C/W (at 100 LFM) to 2.32 °C/W (at 700 LFM) |
| **Fin Type** | Fine Pitch (Straight Fin) |
---
### Key Components & Features
1. **Fin Design:**
The "Fine Pitch" straight fin design provides a large surface area for heat dissipation. This is particularly effective in systems with high-velocity airflow (forced convection).
2. **Attachment Mechanism (pushPIN™):**
Instead of using messy adhesives or simple clips, this unit uses pre-assembled push pins and springs. This ensures:
* **Consistent Pressure:** Even contact between the heat sink and the component.
* **Easy Installation:** Quick manual installation into pre-drilled holes on the PCB.
* **Reliability:** High vibration resistance for industrial environments.
3. **Thermal Interface Material (TIM):**
The "R0" suffix usually indicates that the heat sink comes with a pre-applied high-performance **T766 Phase Change Material** or similar thermal pad, ensuring optimal heat transfer from the chip to the aluminum.
4. **Blue Anodized Finish:**
Beyond aesthetics, the anodized coating increases the surface emissivity, slightly improving radiant heat transfer and providing corrosion resistance.
---
### Applications
* **Integrated Circuits (ICs):** Cooling of microprocessors and chipsets.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
* **Networking Gear:** Used in routers and switches where space is limited but thermal loads are high.
- ⤷
What are the different attachment options available for the pushPIN™ series?
- ⤷ How do I calculate the airflow requirements for this heat sink?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 material codes in ATS parts?