ATS-03F-128-C2-R0
AI

The **ATS-03F-128-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Thermal Resistance (Flowing)** | 2.91 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 5.38 °C/W |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 15.00mm |
| **Pin Pitch** | 47.00mm |
---
### 2. Design Characteristics
#### Heat Sink Profile: Flat Back
The "128" series features a **cross-cut** fin design. This provides a high surface area for heat dissipation while allowing airflow from multiple directions, making it more versatile than straight-fin designs in complex enclosures.
#### Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the heat sink comes pre-applied with **ATS-PPS-07**, a high-performance phase-change thermal interface material. This ensures optimal thermal contact between the component and the heat sink.
#### Attachment System (push-PIN™)
The "R0" designation refers to the mounting hardware. This model uses a **push-pin** system with a compression spring.
* **Benefits:** Provides precise pressure (load) to the component, improving heat transfer.
* **Installation:** Requires pre-drilled holes in the PCB at a 47mm pitch.
---
### 3. Application Use Cases
The ATS-03F-128-C2-R0 is commonly found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and single-board computers.
* **Power Electronics:** Cooling for MOSFETs and IGBT modules.
---
### 4. Cooling Performance Comparison
Below is a simplified view of how airflow (LFM - Linear Feet per Minute) affects the thermal resistance of this specific part:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.91 |
| 300 (1.5 m/s) | 1.56 |
| 500 (2.5 m/s) | 1.26 |
| 700 (3.5 m/s) | 1.11 |
- ⤷What is the difference between Blue Anodized and Black Anodized finishes for heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 20W TDP component?
- ⤷ Are there alternative mounting options if my PCB doesn't have push-pin holes?