ATS-03F-14-C2-R0
AI

The **ATS-03F-14-C2-R0** is a specific electronic component categorized as a **Heat Sink**. It is part of the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed technical breakdown of this component.
---
### 1. General Specifications
This device is designed to dissipate heat from electronic components (like CPUs, GPUs, or power transistors) to the ambient air using passive or active airflow.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-03F-14-C2-R0 |
| **Heat Sink Type** | pushPIN™ HS Assembly |
| **Fin Type** | Fine-Pitch |
| **Fin Pattern** | Blue-Anodized XCUT |
| **Material** | Aluminum |
| **Attachment Method** | Push-Pin (Spring Loaded) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring compatibility with the Printed Circuit Board (PCB) layout and the component being cooled.
| Dimension | Measurement |
| :--- | :--- |
| **Length (A)** | 50.00 mm |
| **Width (B)** | 50.00 mm |
| **Height (C)** | 20.00 mm |
| **Pitch (E)** | 43.00 mm |
| **Pitch (F)** | 43.00 mm |
---
### 3. Thermal Performance
Thermal resistance indicates how effectively the heat sink removes heat. Lower values are generally better.
* **Thermal Resistance (Unducted Flow):** ~9.97 °C/W @ 100 LFM (Linear Feet per Minute).
* **Thermal Resistance (Ducted Flow):** ~1.56 °C/W @ 200 LFM.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied thermal grease to improve conductivity between the chip and the aluminum.
---
### 4. Mounting System (pushPIN™)
The "pushPIN" system is an electronic hardware feature that simplifies installation:
* **Springs:** Provides consistent pressure (force) to ensure maximum contact with the component.
* **Push-Pins:** Plastic or brass pins that lock into pre-drilled holes in the PCB.
* **Reliability:** Designed to withstand vibration and thermal cycling common in industrial electronics.
---
### 5. Part Number Nomenclature (Decoding)
The part number can be broken down to understand its features:
* **ATS:** Advanced Thermal Solutions.
* **03:** Series identifier.
* **F:** Fin pitch style.
* **14:** Specific internal geometry/size code.
* **C2:** Material/Finish (Aluminum / Blue Anodized).
* **R0:** Revision code.
- ⤷
What are the PCB hole size requirements for the push-pin mounting of this heat sink?
- ⤷ How does the 'XCUT' fin pattern compare to standard straight fin designs?
- ⤷ Is the T766 thermal interface material electrically conductive?