ATS-03F-151-C1-R0
AI

The part number **ATS-03F-151-C1-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat-generating surface-mount devices.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) with Spring |
| **Thermal Resistance** | 9.37°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Fin Type** | XCUT (Cross-Cut) |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
## 2. Key Design Features
### A. Fin Geometry (XCUT)
Unlike standard straight-fin heatsinks, the **XCUT** design features vertical and horizontal cuts. This creates a "pin fin" effect that allows air to enter from any direction (omni-directional), making it ideal for systems where airflow direction is inconsistent or turbulent.
### B. Mounting Mechanism
The **Push Pin and Spring** system provides several electronic and mechanical benefits:
* **Constant Pressure:** The spring ensures a specific amount of force is applied to the component, optimizing thermal transfer without cracking the silicon die.
* **Secure Attachment:** Unlike thermal tape, push pins provide a vibration-resistant mechanical lock to the PCB.
### C. Blue Anodized Finish
Anodizing is not just for aesthetics; it increases the surface emissivity, which improves heat dissipation through radiation and protects the aluminum from environmental corrosion.
---
## 3. Component Breakdown
| Part Component | Purpose |
| :--- | :--- |
| **Aluminum Body** | Conducts heat away from the electronic package. |
| **Brass Push Pins** | Secures the heatsink to pre-drilled holes in the PCB. |
| **Steel Springs** | Maintains firm contact between the heatsink base and the chip. |
| **T766 TIM** | A phase-change material that fills microscopic air gaps to lower thermal impedance. |
---
## 4. Part Number Decoder
The part number can be broken down to understand its characteristics:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **03**: Series type.
* **F**: Fin pitch/style.
* **151**: Specific dimensions/height code.
* **C1**: Material/Color code (Blue Anodized Aluminum).
* **R0**: Revision/Packaging code.
- ⤷
What are the PCB hole diameter requirements for this push-pin heatsink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heatsink be used for high-vibration aerospace applications?