ATS-03F-184-C2-R0
AI

The part number **ATS-03F-184-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 4.14°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Body (Finned Design)
The body is made of high-grade aluminum. It utilizes a **Straight Fin** pattern, which is optimized for unidirectional airflow. The 25mm height provides a large surface area to dissipate heat from the component into the surrounding air.
#### 2. Push Pin Attachment System
Unlike adhesive-based heat sinks, the `-R0` suffix indicates a mechanical push pin system.
* **Brass Push Pins:** These provide a secure, vibration-resistant connection to the PCB.
* **Compression Springs:** These ensure constant pressure is applied to the chip, which is critical for maintaining effective thermal contact.
#### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic component (die/package).
* **Benefit:** This minimizes thermal resistance at the contact point, allowing heat to flow more efficiently.
#### 4. Blue Anodized Finish
The blue coating is not just for aesthetics; anodizing increases the surface emissivity, slightly improving radiant heat transfer and providing corrosion resistance for the aluminum body.
---
### Use Cases in Electronics
* **Telecommunications:** Cooling high-speed networking processors.
* **Embedded Systems:** Industrial PCs where mechanical stability (push pins) is required over simple tape.
* **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
- ⤷
What are the PCB hole requirements for the ATS-03F push pin system?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ What is the specific airflow direction required for this straight-fin design?