ATS-03F-196-C3-R0
AI

The **ATS-03F-196-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Fin Pattern** | Straight Fin |
| **Thermal Resistance** | 18.26°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
## 2. Key Component Features
### A. pushPIN™ Attachment
Unlike adhesive tapes that can fail over time or standard clips, this part uses a **pushPIN™** system. This consists of a plastic or metal pin with a compression spring.
* **Benefits:** Ensures precise pressure (clamping force) for optimal heat transfer and prevents the heat sink from shifting during vibration or shipping.
### B. T412 Thermal Interface Material
The "C3" in the part number indicates the specific thermal interface material.
* **Function:** It fills the microscopic air gaps between the component (chip) and the heat sink base.
* **Performance:** T412 is a high-performance phase-change material that offers low thermal impedance.
### C. Low Profile Design
With a height of only **10mm**, this heat sink is designed for "thin" applications such as 1U servers, blade modules, or compact embedded systems where vertical space is limited.
---
## 3. Thermal Performance Analysis
The efficiency of the ATS-03F-196-C3-R0 is highly dependent on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 18.26 |
| 300 (Moderate) | 9.10 |
| 500 (High) | 7.00 |
---
## 4. Part Number Breakdown (Nomenclature)
* **ATS**: Manufacturer (Advanced Thermal Solutions)
* **03**: Attachment style / Series
* **F**: Fin pitch (Fine)
* **196**: Specific footprint/geometry code
* **C3**: Thermal Interface Material type (T412)
* **R0**: RoHS compliance status
- ⤷
What are the mounting hole requirements for the pushPIN system on this heat sink?
- ⤷ How does blue anodizing affect the thermal performance compared to a plain finish?
- ⤷ Can this heat sink be customized for a different height if 10mm is too tall?