ATS-03F-20-C2-R0
AI

The **ATS-03F-20-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number provides specific details about its dimensions, material, and thermal performance.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Dimensions** | 54mm x 54mm |
| **Height** | 25mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 7.14°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features
* **pushPIN™ Attachment:** This model uses a specialized attachment system consisting of a spring-loaded pin. This ensures consistent pressure between the heat sink and the component, optimizing heat transfer.
* **Cross-Cut Fin Design:** The "F" in the series often denotes a specific fin pattern (Cross-Cut). This design allows for multidirectional airflow, making it effective even if the air direction in the chassis is not strictly linear.
* **T766 TIM:** It comes with pre-applied Thermal Interface Material. This eliminates the need for manual thermal paste application and ensures a high-quality bond between the heat source and the aluminum base.
---
### 3. Electronic Application
This heat sink is typically used in the following electronic environments:
1. **High-Power Semiconductors:** Cooling MOSFETs or IGBTs in power supply units.
2. **Embedded Systems:** Providing passive or active cooling for ARM-based processors or FPGAs.
3. **Telecommunications:** Cooling chips on network switch line cards where vertical space (25mm) is available.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 7.14 |
| 200 | 1.0 | 2.32 |
| 300 | 1.5 | 1.43 |
| 400 | 2.0 | 1.08 |
---
- ⤷
What is the hole pattern requirement for the pushPIN™ attachment on this model?
- ⤷ Can this heat sink be used with a 12V DC fan for active cooling?
- ⤷ What are the specific advantages of Blue Anodizing besides aesthetics?