ATS-03F-207-C2-R0
AI

The **ATS-03F-207-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or FPGAs, ensuring they remain within safe operating temperature limits.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Base Dimensions** | 54.00mm x 54.00mm |
| **Height (Fin)** | 25.00mm |
| **Thermal Resistance** | 6.39°C/W (at 100 LFM) |
| **Thermal Interface (TIM)** | T766 (Pre-applied Phase Change Material) |
---
### 2. Physical Design & Components
The "electronic" functionality of this part is passive, relying on thermodynamics to protect active electronic components.
#### A. Fin Geometry (XC-Cut)
The unit features a **cross-cut (XC)** pattern. This creates a matrix of pins/fins rather than straight extrusions, allowing for multidirectional airflow. This is critical in crowded PCB environments where air might not flow in a single linear path.
#### B. Push-Pin Attachment Mechanism
Instead of using messy adhesives or permanent solder, this part uses a mechanical **Push-Pin and Spring** system:
* **Compression Spring:** Provides consistent pressure to ensure the base of the heat sink remains in flush contact with the chip.
* **Plastic/Brass Pin:** Snaps into pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The base comes pre-coated with **T766**. This material fills the microscopic air gaps between the heat sink and the electronic component, significantly reducing thermal resistance and improving heat transfer efficiency.
---
### 3. Usage Context
This part is typically used in industrial and high-reliability electronic applications:
* **Networking Gear:** Routers and switches with high-speed processing chips.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (LFM - Linear Feet per Minute) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 6.39 |
| 300 | 1.5 | 2.57 |
| 500 | 2.5 | 1.82 |
---
- ⤷What are the advantages of using push-pins over thermal adhesive?
- ⤷ How does the blue anodized finish affect the performance of the heat sink?
- ⤷ What are the PCB hole requirements for mounting this specific heat sink?