ATS-03F-26-C2-R0
AI

The **ATS-03F-26-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs), such as CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature from the manufacturer, **Advanced Thermal Solutions (ATS)**.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 14.20°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 70mm x 70mm |
| **Height** | 10mm |
---
### 2. Key Components & Design Features
#### A. Fin Design (Flat Fin)
The "F" in the part number indicates a **Flat Fin** geometry. This design is optimized for environments where there is a consistent, steady direction of airflow. Flat fins provide a large surface area for heat dissipation while maintaining a relatively low profile.
#### B. Attachment: pushPIN™ System
Unlike adhesive tapes or heavy screws, this unit uses a **Push-Pin** mechanism:
* **Spring-Loaded:** Provides consistent pressure on the component to ensure optimal thermal contact.
* **Ease of Install:** Can be installed manually or with basic tools into pre-drilled holes on the PCB.
* **Durability:** The brass or plastic pins are designed for high-vibration environments.
#### C. Thermal Interface Material (TIM)
The part comes with **pre-applied thermal interface material**. This ensures that the microscopic gaps between the heatsink base and the electronic component are filled, reducing thermal impedance.
---
### 3. Application Use Cases
This specific heatsink is typically used in hardware where vertical space is limited (10mm height) but the surface area of the chip is large (70x70mm).
* **Networking Gear:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Large MOSFET arrays or power conversion modules.
---
### 4. Part Number Breakdown (Logic)
`ATS-03F-26-C2-R0`
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **03:** Specific series/designator.
* **F:** Fin Type (Flat).
* **26:** Dimensional/Size code.
* **C2:** Thermal performance/material coating code.
* **R0:** Revision or RoHS compliance status.
- ⤷
What are the advantages of using push-pins over thermal adhesive for this heatsink?
- ⤷ How does the 10mm height affect its cooling efficiency in a forced-air environment?
- ⤷ What is the specific thermal conductivity of the Blue Anodized finish used on this part?