ATS-03F-27-C2-R0
AI

The **ATS-03F-27-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Detail |
| :--- | :--- | :--- |
| **Component Type** | Heat Sink | Passive cooling component |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Attachment Method** | push-pin™ | Secure mechanical fastening with springs |
| **Dimension (L x W)** | 40mm x 40mm | Standard square footprint |
| **Height** | 12.7mm | Low profile design |
| **Fin Style** | Straight Fin | Optimizes airflow in a specific direction |
| **Thermal Resistance** | 12.28°C/W (at 200 LFM) | Rate at which heat is transferred |
| **Finish** | Blue Anodized | Protects against corrosion and increases emissivity |
---
### 2. Key Electronic Features
#### A. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of thermal interface material used.
* **ATS-03F-27-C2-R0** comes pre-applied with **T766**, a high-performance thermal phase-change material. This ensures the best possible contact between the electronic component (heat source) and the aluminum base, minimizing air gaps.
#### B. Push-Pin Mounting System
Instead of using messy thermal adhesives or tapes, this unit uses a **push-pin and brass spring** mechanism.
* **Reliability:** Provides consistent pressure across the chip surface.
* **Ease of Install:** Allows for quick assembly on PCBs with pre-drilled holes (usually 3.0mm holes).
#### C. Airflow Optimization
The straight-fin design is engineered for **forced air environments**. This means the heat sink performs best when there is a fan directing air through the fins.
---
### 3. Common Applications
This specific heat sink is typically found in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For industrial PCs where vertical space is limited (12.7mm height).
3. **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
---
### 4. Thermal Performance Data
Performance varies based on the velocity of the air moving through the system:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 12.28 |
| 400 (2.0 m/s) | 5.14 |
| 600 (3.0 m/s) | 3.67 |
- ⤷
How do I calculate if this heat sink is sufficient for my chip's TDP?
- ⤷ What is the specific PCB hole pattern required for the push-pin mounting?
- ⤷ Can this heat sink be used in a natural convection (no fan) environment?