ATS-03F-32-C3-R0
AI

The **ATS-03F-32-C3-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" heat sink series designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35.0mm x 35.0mm x 12.7mm |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 21.54 °C/W (at 0 LFM) |
| **Fin Type** | Cross-Cut (Pin Fin) |
| **Interface Material** | T412 (Thermal Tape) |
---
## 2. Key Component Features
### A. Fin Geometry (Cross-Cut)
Unlike traditional straight-fin heat sinks, the ATS-03F-32-C3-R0 uses a **cross-cut** or pin-fin design.
* **Omnidirectional Airflow:** This allows air to enter the heat sink from any direction, making it ideal for systems where the airflow direction is inconsistent or blocked.
* **Turbulence:** The pin structure increases air turbulence, which improves the efficiency of heat transfer from the metal to the surrounding air.
### B. Attachment Mechanism (Push Pin)
The "F" in the part number often denotes the specific mounting hardware.
* **Spring-Loaded:** The push pins use a compression spring to provide consistent pressure (Normal Force) on the CPU/GPU, ensuring the thermal interface material (TIM) makes perfect contact.
* **Stability:** This mechanical attachment is more secure than simple adhesive tapes in high-vibration environments.
### C. Thermal Interface Material (T412)
The unit comes pre-applied with **T412 thermal tape**.
* **Function:** It fills the microscopic air gaps between the heat source and the aluminum base.
* **Performance:** T412 is a high-performance, double-sided acrylic adhesive that provides excellent thermal conductivity while keeping the heat sink firmly in place.
---
## 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **03** | Series/Mounting style (Push Pin Type) |
| **F** | Plastic Push Pin / Spring material indicator |
| **32** | Dimension / Geometry identifier |
| **C3** | Thermal Performance/Material grade (Blue Anodized) |
| **R0** | Revision or RoHS Compliance status |
---
## 4. Application Use Cases
This heat sink is typically found in:
* **Networking Gear:** Switches and routers where airflow is pushed through dense PCB layouts.
* **Embedded Systems:** Industrial PCs that require passive cooling or low-profile active cooling.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators (VRMs).
- ⤷
What are the alternative mounting options if push pins do not fit the PCB hole pattern?
- ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?
- ⤷ What is the maximum TDP (Thermal Design Power) this heat sink can handle?