ATS-03F-33-C3-R0
AI

The **ATS-03F-33-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The following table breaks down the core physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 17.50°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **Fin Pattern** | Square Cross-Cut |
---
### 2. Key Electronic Features
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the "33-C3" designation refers to a specialized push-pin mechanism.
* **Benefits:** It provides consistent pressure (clamping force) across the component surface, which optimizes the interface between the heat sink and the chip.
* **Reliability:** It prevents the heat sink from shifting due to mechanical shock or vibration, a common issue in industrial electronics.
#### B. Thermal Interface Material (TIM)
This model typically comes with **T766** pre-applied.
* **Purpose:** The TIM fills microscopic air gaps between the component and the aluminum base to maximize heat transfer efficiency.
#### C. Cross-Cut Fin Design
The "33" in the part number indicates a specific fin density and geometry.
* **Flow Dynamics:** The cross-cut pattern allows air to move through the sink from multiple directions (omnidirectional), making it ideal for systems where the airflow direction might be inconsistent.
---
### 3. Part Number Breakdown (Nomenclature)
To understand exactly what the code represents:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **03F:** The specific series/frame size.
* **33:** The fin configuration/height code.
* **C3:** Material/Attachment kit code (often indicates specific spring/pin type).
* **R0:** Revision code (Standard RoHS compliant version).
---
### 4. Integration Example
If you were defining this part in a thermal simulation or Bill of Materials (BOM), you would treat it as a passive cooling component:
```yaml
Component_ID: ATS-03F-33-C3-R0
Type: Passive_Heat_Sink
Mounting: 2-hole_Push-Pin
Pitch: 40.00mm (Distance between pins)
Flow_Type: Unducted/Ducted
Airflow_Direction: Omnidirectional
```
- ⤷What is the recommended hole diameter for the push-pin mounting?
- ⤷ How does the thermal resistance change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Is this heat sink compatible with standard 35mm BGA packages?