ATS-03F-41-C3-R0
AI

The **ATS-03F-41-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the *pushPIN™* series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | Push-Pin (Standard) |
| **Fin Style** | Square Fin (XC-Cut) |
| **Thermal Resistance** | 10.07°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 20.00mm |
| **Attachment Method** | ATS-PP-06 (Push-pins and Springs) |
---
### 2. Breakdown of the Model Name
Electronic parts often follow a nomenclature that describes their build. For the **ATS-03F-41-C3-R0**:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **03**: Series designation.
* **F**: Fin pitch/density (Fine pitch).
* **41**: Specific size or base configuration.
* **C3**: Indicates the Thermal Interface Material (TIM) pre-applied (usually a high-performance T766 phase-change material or T412 pad).
* **R0**: Revision code.
---
### 3. Key Electronic Components & Features
#### A. The Heat Sink Body
The square-cut (XC-Cut) fin design provides a large surface area for heat dissipation. This design is optimized for "cross-flow" environments, meaning it works effectively even if the airflow direction is not perfectly aligned with the fins.
#### B. Push-Pin Attachment Mechanism
This part uses a specific push-pin system (`ATS-PP-06`). In PCB design:
* The pins are made of **Brass or Plastic**.
* The springs provide **Precise Pressure** to ensure maximum contact between the heat sink and the electronic component without cracking the silicon die.
#### C. Thermal Interface Material (TIM)
The "C3" designation means the part comes with a pre-applied thermal pad. This eliminates the need for manual application of thermal paste, ensuring a uniform layer that reduces the "thermal contact resistance" between the electronic chip and the aluminum base.
---
### 4. Typical Applications
* **Voltage Regulator Modules (VRMs):** Cooling power-heavy components on motherboards.
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Used on high-speed data processing chips.
- ⤷
What are the specific hole patterns required on a PCB for the ATS-PP-06 mounting system?
- ⤷ How does the thermal resistance change at higher airflow speeds (e.g.
- ⤷ 500 LFM)?
- ⤷ Can the TIM on the C3 model be replaced with custom thermal grease?