ATS-03F-54-C2-R0
AI

The **ATS-03F-54-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
It is part of the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 35.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.00°C/W (undirected flow) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Efficiency
The "Fine Pitch" design increases the surface area available for heat dissipation. In electronics, keeping the junction temperature low is critical for preventing **thermal throttling** and extending the lifespan of the semiconductor.
#### B. Mechanical Attachment (pushPIN™)
Unlike adhesive-based heat sinks, this model uses a spring-loaded pin system.
* **Constant Pressure:** Ensures consistent contact between the heat sink and the electronic component.
* **Reliability:** Resistant to vibration and mechanical shock, making it ideal for industrial or automotive electronics.
#### C. Pre-Applied TIM
The unit comes with **T766 Thermal Interface Material**. This eliminates the need for manual application of thermal paste, reducing air gaps between the chip and the aluminum base for better heat transfer.
---
### 3. Component Breakdown (Part Number Decoder)
Understanding the "ATS-03F-54-C2-R0" nomenclature:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **03:** Heat Sink Series.
* **F:** Fine Pitch fin configuration.
* **54:** Specific footprint/size code.
* **C2:** Material/Finish (Blue Anodized).
* **R0:** Revision code.
---
### 4. Applications
* **Embedded Systems:** Cooling high-speed processors in confined spaces.
* **Telecommunications:** Cooling FPGA and ASIC chips in networking gear.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the advantages of using pushPIN attachments over thermal tape?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this specific heat sink?
- ⤷ Is this heat sink compatible with standard 35mm BGA components?