ATS-03F-60-C2-R0
AI

The **ATS-03F-60-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 6.36°C/W (Unducted @ 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 35mm |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### Key Component Details
#### 1. Push-Pin Mounting System
This model features a **push-pin and spring** assembly.
* **Purpose:** It provides a secure mechanical attachment to the PCB.
* **Benefits:** The spring-loaded mechanism ensures consistent pressure (clamping force) on the electronic component, which optimizes the heat transfer through the Thermal Interface Material (TIM).
#### 2. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves surface emissivity for better radiant heat transfer.
#### 3. Fin Profile (Straight Fin)
The **Straight Fin** design is optimized for environments where there is a consistent, predictable airflow direction (forced convection). The spacing between the fins is engineered to balance the surface area for cooling against the pressure drop of the air passing through.
#### 4. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* This is a phase-change material or high-performance pad that fills the microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance at the contact point.
---
### Use Cases in Electronics
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Heat dissipation for industrial ARM or FPGA chips.
* **Networking:** Cooling processors inside routers or switches.
- ⤷
How does the thermal resistance of this heat sink change with different airflow speeds (LFM)?
- ⤷ What are the specific PCB hole requirements for the push-pin mounting on this model?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?