ATS-03F-68-C2-R0
AI

The **ATS-03F-68-C2-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS)** push-pin heat sink designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
The following table summarizes the core technical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Family** | pushPIN™ Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 15.31°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Fin Configuration** | Fine Pitch (Straight Fins) |
---
### 2. Detailed Component Breakdown
#### A. The Heat Sink Body
The body is constructed from **Aluminum**, which is chosen for its excellent thermal conductivity-to-weight ratio. The "Blue Anodized" finish isn't just aesthetic; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
#### B. Attachment Mechanism: Push-Pins
The "F" in the part number and the "R0" suffix denote the attachment style:
* **Brass Push-Pins:** These provide a secure, mechanical connection to the PCB.
* **Springs:** The pins are paired with compression springs that provide a consistent "clamping force," ensuring optimal contact between the heat sink base and the electronic chip.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit comes pre-applied with **T766 Phase Change Material**.
* **Purpose:** This fills microscopic air gaps between the chip surface and the heat sink base to maximize heat transfer efficiency.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic environments:
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
* **Processors:** Small form-factor CPUs or FPGAs.
- ⤷
What is the significance of the 15mm height in terms of airflow clearance?
- ⤷ How does the T766 Phase Change Material compare to standard thermal grease?
- ⤷ What are the PCB hole requirements for mounting these brass push-pins?