ATS-03F-73-C3-R0
AI

The **ATS-03F-73-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling components like CPUs, GPUs, and high-power chipsets.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
| **Thermal Resistance** | 14.80°C/W (at 1.0 m/s flow) |
---
### 2. Physical Design Components
* **The Heat Sink Body:** Constructed from high-quality aluminum to ensure efficient heat dissipation from the component surface to the surrounding air.
* **Fin Geometry:** Features a straight-fin design. This is optimized for airflow patterns generated by nearby fans, allowing air to pass through the channels and carry heat away.
* **Attachment Mechanism:** Uses a **Push-Pin** system. This consists of a plastic pin and a spring. The spring provides specific "Load" or pressure, ensuring the heat sink stays in firm contact with the electronic chip for maximum heat transfer.
* **Thermal Interface Material (TIM):** It comes pre-applied with **T412**, a high-performance thermal pad/paste. This fills microscopic air gaps between the chip and the heat sink base.
---
### 3. Electronic Application Use Cases
This part is typically found in the following electronic environments:
1. **High-Speed Computing:** Cooling of Northbridge/Southbridge chips or FPGAs.
2. **Networking Hardware:** Used on routers and switches where high-speed data processing generates significant localized heat.
3. **Power Supplies:** Cooling of voltage regulators or power transistors.
4. **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required via the push-pin mounting.
---
### 4. Thermal Performance Data
*Measured in °C/W (Degrees Celsius per Watt). Lower values indicate better cooling performance.*
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (LFM 200) | 14.80 |
| 2.0 (LFM 400) | 5.50 |
| 3.0 (LFM 600) | 3.80 |
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Can the T412 thermal interface material be replaced with a different compound?
- ⤷ How does 'Blue Anodized' finish affect the thermal radiation properties?