ATS-03F-74-C3-R0
AI

The **ATS-03F-74-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling components directly to Printed Circuit Boards (PCBs).
---
### 1. Technical Specifications
Below are the primary electronic and physical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass) |
| **Fin Type** | Cross-Cut |
| **Thermal Resistance** | 8.90°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
---
### 2. Physical Design Features
#### A. Fin Pattern (Cross-Cut)
Unlike traditional straight-fin heat sinks, the cross-cut design allows for **multi-directional airflow**. This is critical in modern electronic enclosures where airflow might not be perfectly linear, ensuring that heat is dissipated efficiently regardless of the orientation of the cooling fan.
#### B. Thermal Interface Material (TIM)
The "C3" in the part number indicates that this unit typically comes pre-applied with **T412 thermal tape**. This eliminates the need for manual application of thermal paste, ensuring a consistent and reliable thermal bond between the electronic chip (IC) and the heat sink.
#### C. Mounting Mechanism
It utilizes a **Push-Pin** system with a built-in spring. This provides:
* **Constant Pressure:** Ensures the heat sink stays flush against the component.
* **Vibration Resistance:** Secure enough for automotive or industrial applications.
* **Tool-less Assembly:** Simplifies the manufacturing process on the assembly line.
---
### 3. Electronic Application Use-Cases
This specific heat sink is typically used for cooling the following types of electronic components:
1. **Processors & SoCs:** Medium-sized CPUs or System-on-Chips used in networking gear.
2. **FPGAs:** Field Programmable Gate Arrays that generate significant heat during high-speed logic operations.
3. **Power Modules:** High-voltage regulators or MOSFET arrays that require localized cooling to prevent thermal throttling.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.90 |
| 300 (1.5 m/s) | 3.40 |
| 500 (2.5 m/s) | 2.30 |
- ⤷
How does the push-pin mounting compare to adhesive-based heat sinks?
- ⤷ What are the advantages of blue anodized aluminum in electronic cooling?
- ⤷ Can this heat sink be used for high-power GPUs?