ATS-03F-76-C3-R0
AI

The **ATS-03F-76-C3-R0** is a specific part number for a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 25mm x 25mm x 10mm |
| **Fin Type** | Fine Pitch |
| **Fin Pattern** | Straight |
| **Thermal Resistance** | 27.60°C/W (Unducted @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T412 (Phase-change material) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific nomenclature used by ATS:
* **ATS:** Manufacturer prefix (Advanced Thermal Solutions).
* **03:** Part of the specific pushPIN™ series.
* **F:** Denotes a "Fine-Pitch" fin design for high-density airflow.
* **76:** Indicates the specific product sequence/dimension profile.
* **C3:** Refers to the thermal performance/resistance category.
* **R0:** Indicates the revision status or specific packaging/material compliance (typically RoHS compliant).
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no electricity flows through it), it is critical for the electronic health of a system:
1. **Thermal Dissipation:** It increases the surface area of the heat-generating component (e.g., a power MOSFET or FPGA), allowing the surrounding air to carry heat away more efficiently.
2. **Thermal Interface Material (T412):** This part comes pre-applied with T412, which fills microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance compared to dry contact.
3. **Mechanical Attachment:** The `pushPIN™` mechanism uses a brass or plastic pin with a compressed spring. This ensures a consistent "clamping force" on the electronic chip, preventing the sink from shifting during vibration or thermal expansion.
---
### 4. Typical Applications
* **Embedded Systems:** Cooling small form-factor processors.
* **Telecommunications:** Signal processing units that generate localized high heat.
* **Power Electronics:** Dissipating heat from voltage regulators or motor drivers.
- ⤷
What are the advantages of pushPIN™ over traditional adhesive mounting?
- ⤷ How does the 'Fine Pitch' fin design affect airflow requirements?
- ⤷ What is the operating temperature range of the T412 thermal interface material?