ATS-03F-80-C3-R0
AI

The **ATS-03F-80-C3-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it belongs to their **maxiFLOW™** series of heat sinks, designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 30.00mm x 30.00mm x 25.00mm |
| **Fin Style** | maxiFLOW (Flared Fin) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 3.51 °C/W @ 200 LFM |
| **Thermal Interface Material** | T412 (Phase Change) |
---
### 2. Key Design Features
#### A. maxiFLOW™ Fin Geometry
Unlike standard straight-fin heat sinks, the maxiFLOW design features a **flared fin** structure. This increases the surface area for heat dissipation and improves airflow performance in systems with constrained air paths.
#### B. pushPIN™ Attachment
The part uses a specialized attachment system consisting of:
- **Plastic/Brass Pins:** Pre-assembled for quick installation.
- **Stainless Steel Springs:** Provide precise pressure (compression) to ensure optimal contact between the heat sink and the electronic component.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates it comes pre-applied with **T412 thermal tape**. This is a high-performance phase-change material that eliminates the need for manual application of thermal grease, ensuring a uniform thermal bond.
---
### 3. Part Number Breakdown
The nomenclature for this part follows a specific logic used by ATS:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **03** | Product Family (maxiFLOW) |
| **F** | Fin Pitch/Style |
| **80** | Dimension/Height Code |
| **C3** | Thermal Interface Material (T412) |
| **R0** | RoHS Compliance / Revision Level |
---
### 4. Applications
This part is typically found in:
- **Telecommunications:** Cooling networking chips and routers.
- **Embedded Systems:** High-power microcontrollers or industrial PCs.
- **Power Electronics:** Managing heat for voltage regulators or small power modules.
- ⤷
How does the 'flared fin' design compare to a standard cross-cut heat sink?
- ⤷ What is the specific installation process for the pushPIN system?
- ⤷ Is there a version of this heat sink available without pre-applied thermal tape?