ATS-03F-92-C2-R0
AI

The **ATS-03F-92-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series and is designed for thermal management of electronic components such as CPUs, GPUs, and other high-heat-generating ICs.
---
### 1. Technical Specifications
The component is characterized by its physical dimensions and its ability to dissipate heat under various airflow conditions.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body) / Blue Anodized (Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 15.00 mm |
| **Thermal Resistance** | 16.48 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Pitch** | Fine Pitch |
| **Fin Pattern** | Straight |
---
### 2. Key Component Features
### A. Material and Coating
The heat sink is made from **Aluminum**, which offers a balance of lightweight properties and high thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it provides surface protection against corrosion and slightly increases emissivity for better radiative cooling.
### B. pushPIN™ Mounting System
The "92" in the part number refers to the specific attachment mechanism.
* **Spring-loaded pins:** These provide a precise, consistent pressure against the electronic component to ensure optimal thermal contact.
* **Compatibility:** It is designed for pre-drilled holes in the PCB, reducing the risk of component damage during installation.
### C. Thermal Performance
The efficiency of this part is measured by its thermal resistance (lower is better).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 16.48 |
| 300 (1.5 m/s) | 6.69 |
| 500 (2.5 m/s) | 4.46 |
---
### 3. Part Number Decoding (ATS-03F-92-C2-R0)
To understand the electronic application, we can break down the SKU:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **03:** Series number.
* **F:** Fin pitch/style (Fine).
* **92:** Specific pushPIN™ attachment style and hole spacing.
* **C2:** Material/Color code (Aluminum, Blue Anodized).
* **R0:** Revision code.
---
### 4. Application Usage
This part is typically found in:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where space is limited but cooling is critical.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the specific PCB hole dimensions required for the 92-style pushPIN?
- ⤷ Can this heat sink be used with a thermal pad instead of thermal grease?
- ⤷ How does 'Ducted' vs 'Unducted' airflow affect this model's performance?