ATS-03H-41-C2-R0
AI

The **ATS-03H-41-C2-R0** is a high-performance electronic component specifically designed for **thermal management**. It is an aluminum heat sink manufactured by *Advanced Thermal Solutions (ATS)*, intended to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, and power transistors.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-03H-41-C2-R0 |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Mounting Type** | pushPIN™ (Spring-loaded attachment) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 10.03° C/W (@ 100 LFM) |
| **Fin Style** | Straight Fin |
| **Attachment Type** | Push-Pin (Plastic) |
---
### Key Features and Electronic Functionality
#### 1. Heat Dissipation Mechanism
This part serves as a **passive cooling** solution. In electronics, heat is the primary enemy of component longevity. The ATS-03H-41-C2-R0 increases the surface area of a hot component, allowing air to carry away heat via convection.
#### 2. The pushPIN™ Attachment System
The "R0" at the end of the part number refers to the specific attachment kit.
* **Precision Springs:** Provides a specific amount of "clamping force" to ensure a secure thermal interface between the heat sink and the chip.
* **Thermal Interface Material (TIM):** This part usually comes with **T766** pre-applied, which is a phase-change material that fills microscopic air gaps to improve heat transfer.
#### 3. Material and Coating
* **6063 Aluminum:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This isn't just for aesthetics; the anodized layer provides a small degree of electrical insulation and increases surface emissivity, slightly improving radiation cooling.
---
### Thermal Performance Overview
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 10.03 |
| 300 | 1.5 | 3.63 |
| 500 | 2.5 | 2.53 |
*Note: As airflow increases, the thermal resistance drops significantly, making it highly effective in forced-air (fan-cooled) environments.*
---
- ⤷
How does the 'pushPIN' mounting system compare to adhesive thermal tapes?
- ⤷ What are the specific benefits of the T766 thermal interface material used on this part?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W power component?