ATS-04A-08-C2-R0
AI

The **ATS-04A-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling in tight spaces.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Passive Heat Sink |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 14.61° C/W (Unducted flow @ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
This component is designed with a square footprint to fit standard electronic chip packages (like BGAs or FPGAs).
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 7.50 mm (Low profile)
* **Fin Pitch:** Specialized flared fin design for maximum surface area.
---
### 3. Key Electronic Applications
The ATS-04A-08-C2-R0 is typically used in industrial and consumer electronics where heat dissipation is critical for component longevity:
1. **Telecommunications:** Used on high-speed switching chips and routers.
2. **Embedded Computing:** Cooling for SoCs (System on Chips) and microprocessors.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
4. **Automotive:** Cooling sensors and control units in high-temperature environments.
---
### 4. Design Advantages
* **Flared Fin Geometry:** Unlike straight-fin heat sinks, the maxiFLOW design uses flared fins to increase air turbulence and surface area, significantly improving cooling performance in low-airflow environments.
* **pushPIN™ Attachment:** The "R0" suffix indicates the use of pushPIN™ hardware, which provides a precise, repeatable pressure on the electronic component, ensuring optimal contact with the Thermal Interface Material.
* **Low Profile:** At only 7.5mm high, it is ideal for 1U rackmount servers or compact mobile devices where vertical space is limited.
---
- ⤷What is the difference between T766 and other thermal interface materials?
- ⤷ How do I calculate if the 14.61° C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative attachment methods to the pushPIN for this model?