ATS-04A-83-C2-R0
AI

The **ATS-04A-83-C2-R0** is a high-performance electronic thermal management component, specifically an **Aluminum Pin Fin Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the **pushPIN™** series, designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Fin Type** | Pin Fin (Cross-cut) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 30.0mm x 30.0mm |
| **Height** | 20.00 mm |
| **Thermal Resistance** | 16.05 °C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) |
---
### 2. Electronic/Thermal Performance
The "Electronic" aspect of this part relates to its ability to dissipate heat generated by power-hungry components like CPUs, FPGAs, or GPUs.
* **Thermal Conductivity:** The AL6063 aluminum alloy provides a high rate of heat transfer from the component base to the pins.
* **Airflow Efficiency:** The pin-fin design is "omni-directional," meaning it can accept airflow from any direction, making it ideal for electronics with complex internal air currents.
* **Low Pressure Drop:** The spacing between pins is optimized to allow air to pass through with minimal resistance while maximizing surface area.
---
### 3. Mechanical Components (pushPIN™ System)
This part includes specific electronic mounting hardware to ensure reliable thermal contact:
1. **Brass Pins:** Provides structural stability and alignment.
2. **Stainless Steel Springs:** Ensures consistent downward pressure (clamping force) to the electronic chip, which is critical for the effectiveness of the Thermal Interface Material (TIM).
3. **TIM (T766):** A specialized compound pre-applied to the base that fills microscopic air gaps between the heat sink and the electronic package.
---
### 4. Part Number Breakdown (Decoding)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **04** | Attachment Series (pushPIN™) |
| **A** | Material (Aluminum) |
| **83** | Length/Width Identifier (30mm x 30mm) |
| **C2** | Thermal Performance Level / Height (20mm) |
| **R0** | Finish/Color (Blue Anodized) |
- ⤷
What are the benefits of pin fin heat sinks compared to straight fin designs?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What is the recommended airflow (LFM) for optimal cooling with this model?