ATS-04A-85-C2-R0
AI

The **ATS-04A-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like BGAs and CPUs in tight spaces.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 36.83mm x 36.83mm |
| **Height** | 25.00mm |
| **Attachment Method** | pushPIN™ |
| **Fin Style** | maxiFLOW (Tapered Fin) |
| **Thermal Resistance** | 2.50°C/W @ 200 LFM |
| **Compatibility** | BGA, ASIC, Chipsets |
---
### 2. Key Electronic Features
#### A. Fin Geometry (maxiFLOW™)
Unlike standard extruded heat sinks, the **maxiFLOW™** design features a spread-fin geometry. This increases the surface area and maximizes airflow through the fin field, significantly reducing thermal resistance compared to traditional designs.
#### B. pushPIN™ Attachment
The part uses the **pushPIN™** mounting system, which is critical for electronic PCB assembly:
* **Precision Springs:** Ensures a specific pressure is applied to the chip, optimizing the Thermal Interface Material (TIM) performance.
* **Secure Mounting:** Prevents the heat sink from shifting during vibration or shipping.
* **Hole Pattern:** Specifically designed for standard PCB layouts.
#### C. Thermal Performance Data
Thermal management effectiveness depends on the airflow (LFM - Linear Feet per Minute):
* **Unducted Flow:** 4.40°C/W @ 100 LFM.
* **High Velocity Flow:** 1.60°C/W @ 600 LFM.
---
### 3. Application Use Cases
This component is typically found in high-reliability electronic systems where heat dissipation is a bottleneck:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial PCs:** Compact motherboards requiring passive or semi-active cooling.
3. **Power Supplies:** Cooling voltage regulators or power transistors.
---
### 4. Part Number Breakdown
The nomenclature `ATS-04A-85-C2-R0` can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **04A:** Series identifier.
* **85:** Specific dimensions/height configuration.
* **C2:** Material/Finish indicator (Blue Anodized Aluminum).
* **R0:** Revision or packaging code.
- ⤷
What are the recommended thermal interface materials (TIM) to use with this heat sink?
- ⤷ How does the pushPIN mounting system compare to adhesive-based heat sinks?
- ⤷ What is the specific PCB hole pattern required for the ATS-04A-85-C2-R0?