ATS-04B-119-C2-R0
AI

The **ATS-04B-119-C2-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat-density integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Thermal Resistance (Unducted)** | 4.68 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.55 °C/W @ 100 LFM |
| **Weight** | ~40.5 grams |
---
### 2. Key Features
* **pushPIN™ Attachment:** Utilizes a spring-loaded push-pin mechanism that provides a specific pressure for consistent thermal contact while simplifying installation.
* **Cross-Cut Fin Design:** The fins are cut in a grid-like pattern to allow for multi-directional airflow, making it ideal for systems where airflow direction might vary.
* **Pre-Applied Thermal Interface Material (TIM):** This model typically comes with a high-performance thermal pad or grease pre-applied to the base, ensuring a low thermal resistance interface.
* **Reliability:** The aluminum construction offers a balance between lightweight design and durability, while the anodized finish prevents oxidation.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in selecting the correct variant:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **04** | Push-pin style/configuration |
| **B** | Pin Material (e.g., Plastic or Brass) |
| **119** | Model/Size identifier |
| **C2** | Thermal Performance/Material grade |
| **R0** | Revision code/Packaging |
---
### 4. Application Use-Case
This heat sink is typically found in:
* **Embedded Systems:** Routers, switches, and industrial PCs.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
* **Consumer Electronics:** Providing cooling for high-performance chipsets where space is limited but cooling demands are high.
- ⤷
What are the compatible PCB hole patterns for this heat sink?
- ⤷ Can the push-pins be swapped for different tension levels?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?