ATS-04B-129-C2-R0
AI

The **ATS-04B-129-C2-R0** is a high-performance electronic component belonging to the **Heat Sink** category, specifically part of the "pushPIN™" thermal management line manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Technical Specifications
The part is designed for cooling electronic components (such as CPUs, GPUs, or FPGAs) by dissipating heat into the surrounding air.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 8.68°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 20.00mm |
| **Fin Pattern** | XCUT (Cross-cut) |
| **Base Weight** | ~115 grams |
---
### 2. Design Characteristics
The ATS-04B-129-C2-R0 utilizes several specific engineering features to maximize thermal efficiency:
* **XCUT Fin Profile:** This design features vertical and horizontal cuts in the fins. This creates a larger surface area and allows for air to flow through the sink from multiple directions, making it ideal for systems with variable airflow directions.
* **pushPIN™ Attachment:** Instead of messy adhesives or simple clips, this uses a spring-loaded pin mechanism. This ensures:
1. **Uniform Pressure:** Prevents damage to the sensitive silicon die.
2. **Secure Mounting:** High vibration resistance.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase-change material or grease, ensuring low thermal resistance between the heat source and the aluminum base.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **04** | Product Family / Series |
| **B** | Attachment Style (pushPIN™) |
| **129** | Specific dimension/thermal profile ID |
| **C2** | Thermal Performance Grade / Material |
| **R0** | Revision code or packaging variant |
---
### 4. Application Use Cases
* **PCB Cooling:** Ideal for high-heat density surface mount components.
* **Telecommunications:** Used in routers and switches where airflow is provided by system fans.
* **Industrial PCs:** Suited for environments with high vibration where a secure mechanical attachment is necessary.
- ⤷
What are the recommended hole sizes for the pushPIN attachment?
- ⤷ How does the XCUT fin design compare to a straight fin design in low-airflow environments?
- ⤷ Can this heat sink be used with a custom thermal interface material instead of the pre-applied T766?