ATS-04B-137-C2-R0
AI

The **ATS-04B-137-C2-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "push pin" attachment series designed to cool electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 10.00mm |
| **Thermal Resistance** | 18.30°C/W (Natural Flow) |
| **Fin Style** | Fine Pitch (Straight Fin) |
| **TIM (Interface Material)** | T766 (Pre-applied) |
---
### 2. Design Breakdown
Understanding the electronic and mechanical design of this part is crucial for thermal management:
* **Heat Dissipation Geometry:** The "straight fin" design is optimized for airflow directed through the fins. At 10mm height, it is a low-profile solution suitable for compact PCBs (Printed Circuit Boards).
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses brass push-pins. This provides constant pressure (via springs) against the chip, ensuring a better thermal interface and higher mechanical stability against vibrations.
* **Material Selection:** Aluminum is chosen for its balance of high thermal conductivity and light weight. The Blue Anodized finish protects against corrosion and improves emissivity.
* **TIM (Thermal Interface Material):** The "T766" designation indicates a pre-applied phase-change or grease-like material on the base, which fills microscopic air gaps between the component and the heat sink.
---
### 3. Thermal Performance Metrics
The effectiveness of this heat sink depends on the airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Natural Convection** | 18.30 |
| **200 LFM** | 6.60 |
| **400 LFM** | 5.30 |
| **600 LFM** | 4.60 |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling microcontrollers or small FPGAs.
* **Telecommunications:** Network switches and routers.
* **Power Electronics:** Cooling voltage regulators or small power modules.
- ⤷
How do I calculate the required hole pattern on a PCB for this push-pin heat sink?
- ⤷ What is the difference between the C1 and C2 versions of this part?
- ⤷ Can the T766 thermal material be replaced with a different brand of thermal paste?