ATS-04B-149-C2-R0
AI

The **ATS-04B-149-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is specifically designed for thermal management of electronic components like CPUs, GPUs, and high-density power modules.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 6.22°C/W (at 200 LFM) |
| **Fin Type** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its electronic role is critical for the reliability of the system:
### A. Thermal Dissipation
The primary function is to conduct heat away from a semiconductor junction. By increasing the surface area exposed to airflow, it prevents **Thermal Throttling** in processors and ensures the component stays within its Safe Operating Area (SOA).
### B. Thermal Interface Material (TIM)
The "C2" suffix indicates that the part comes with **T766** thermal grease pre-applied. This material fills microscopic air gaps between the electronic chip and the aluminum base, significantly reducing thermal impedance.
### C. Attachment Mechanism (pushPIN™)
The part uses a specialized mounting system that includes:
* **Compression Springs:** These ensure consistent pressure across the electronic package, preventing "hot spots."
* **Brass Components:** These provide a secure mechanical bond to the PCB through pre-drilled holes.
---
## 3. Comparison with Similar Models
In the ATS-149 series, the suffix determines the material and interface:
| Model | Material | TIM Type |
| :--- | :--- | :--- |
| ATS-04B-149-**C1**-R0 | Aluminum | T412 |
| **ATS-04B-149-C2-R0** | **Aluminum** | **T766 (High Perf)** |
| ATS-04B-149-**C3**-R0 | Aluminum | T-Clean |
---
## 4. Typical Applications
* **Embedded Systems:** For cooling SoCs (System on Chips).
* **Telecommunications:** Cooling of high-speed networking ASICs.
* **Industrial Power Supplies:** Managing heat in MOSFETs or IGBTs.
- ⤷
How does the T766 thermal interface material compare to T412 in performance?
- ⤷ What are the specific PCB hole diameter requirements for the pushPIN mounting system?
- ⤷ Can this heat sink be used in natural convection environments without a fan?