ATS-04B-166-C3-R0
AI

The **ATS-04B-166-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series designed for thermal management of electronic components.
---
### 1. Technical Specifications
This part is specifically engineered to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Type** | Flat Fin |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 12.30°C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Compatibility** | Universal (based on PCB hole spacing) |
---
### 2. Key Components & Design
The "Electronic" functionality of this part is passive, meaning it does not use electricity itself but manages the thermal environment of active electronics.
* **Heat Sink Base:** Flat bottom designed for maximum surface contact with the electronic component (often used with thermal interface material like grease or pads).
* **Fin Pattern:** Vertical fins increase the surface area, allowing air from a cooling fan or natural convection to carry heat away more efficiently.
* **Push-Pin Mechanism:** Features a brass or plastic pin with a stainless steel spring. This provides a consistent "clamping force" (pressure) to ensure the sink stays flush against the chip, which is critical for heat transfer.
---
### 3. Part Number Breakdown
The nomenclature for this part provides specific details about its build:
| Segment | Meaning |
| :--- | :--- |
| **ATS-04** | Series Identification (pushPIN™) |
| **B** | Attachment Style (specific spring/pin type) |
| **166** | Specific Heat Sink Geometry/Size code |
| **C3** | Thermal Interface Material (usually pre-applied Phase Change Material) |
| **R0** | RoHS Compliant (Lead-free) |
---
### 4. Application Use Case
This part is typically found in:
* **Telecommunications:** Cooling small chips on networking boards.
* **Industrial PC:** Cooling processors in tight spaces.
* **Embedded Systems:** Managing heat on SoCs (System on Chips) where height is limited (15mm).
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ What are the PCB hole requirements for the pushPIN attachment?