ATS-04B-175-C2-R0
AI

The **ATS-04B-175-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
This part is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) chips, CPUs, or GPUs.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring (STS) |
| **Dimensions** | 35mm x 35mm x 10mm |
| **Thermal Resistance** | 13.52°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) |
---
### 2. Key Components & Engineering Features
#### A. Fin Design (XC-Cut)
The heat sink features a "Cross-Cut" (XC) pattern. This means the aluminum fins are notched in both vertical and horizontal directions.
* **Purpose:** Increases surface area and allows for omnidirectional airflow, making it effective even if the air is not blowing perfectly straight across the board.
#### B. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or tapes, this part uses mechanical push-pins.
* **Stability:** Provides consistent pressure (clamping force) on the chip, which ensures maximum heat transfer.
* **Installation:** Requires pre-drilled holes in the PCB. The pins snap into place and are held under tension by the springs.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T766**.
* **Function:** This is a phase-change material that fills microscopic air gaps between the heat sink and the electronic chip.
* **Advantage:** Eliminates the need for manual application of thermal grease, reducing assembly time and errors.
---
### 3. Application Use Cases
This specific part is typically found in:
* **Networking Equipment:** Routers, switches, and bridges.
* **Industrial PCs:** Compact motherboards where space is limited (10mm low profile).
* **Embedded Systems:** Microprocessors that generate moderate heat in a small footprint.
---
- ⤷What is the difference between Blue Anodized and other finishes like Black Anodized?
- ⤷ How do I calculate the correct hole diameter for the push-pins on my PCB?
- ⤷ Can the T766 thermal material be reused if the heat sink is removed?