ATS-04B-18-C2-R0
AI

The **ATS-04B-18-C2-R0** is a high-performance thermal management component specifically categorized as a **Heat Sink** from Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height (Fin Height)** | 15mm |
| **Thermal Resistance** | 13.38°C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Fine Pitch (Cross-Cut) |
---
### 2. Key Electronic & Mechanical Components
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses the **pushPIN™** system. This consists of:
* **Plastic Push Pins:** Flexible fasteners that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide precise, uniform pressure (Force) across the interface to ensure maximum thermal contact without cracking the silicon die.
#### B. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model typically comes with **T766** thermal phase-change material or a high-performance pad applied to the base.
* **Function:** It fills microscopic air gaps between the electronic component (IC) and the aluminum base to lower thermal resistance.
#### C. Fin Design (Cross-Cut)
The fins are arranged in a "mini-fin" or cross-cut pattern. In electronics, this is critical because:
* It allows for **omni-directional airflow**, meaning the cooling efficiency is less dependent on which way the fan is blowing.
* It increases the surface area significantly within a small 35mm footprint.
---
### 3. Application Use Cases
The ATS-04B-18-C2-R0 is commonly used in:
1. **Telecommunications:** Cooling ASICs in routers and switches.
2. **Embedded Systems:** High-heat processors on industrial motherboards.
3. **Power Electronics:** Dissipating heat from MOSFET arrays or Voltage Regulator Modules (VRMs).
---
- ⤷
How do I calculate the correct hole diameter on my PCB for the pushPIN attachment?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ Can this heat sink be used for passive cooling without a fan?