ATS-04B-183-C2-R0
AI

### Technical Overview of ATS-04B-183-C2-R0
The **ATS-04B-183-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient thermal management for electronic components such as processors, ASICs, and FPGAs.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine-Pitch (Cross-Cut) |
| **Thermal Resistance (Unducted)** | 5.37 °C/W @ 100 LFM |
| **Overall Dimensions** | 40.00mm x 40.00mm x 20.00mm |
| **Mounting Hole Pattern** | 33.00mm x 33.00mm |
---
### Detailed Component Analysis
#### 1. Thermal Performance
The "C2" in the part number indicates the specific thermal performance grade. This heat sink is designed for **forced air cooling** environments. The cross-cut fin design increases the surface area and creates turbulence in the airflow, which enhances heat dissipation compared to standard straight-fin designs.
#### 2. Mechanical Design (pushPIN™ System)
The "04B" designation refers to the specific pushPIN™ attachment mechanism.
- **Spring Loading:** It uses a brass or plastic push-pin with a stainless steel spring.
- **Constant Pressure:** This ensures uniform pressure across the thermal interface material (TIM), preventing "hot spots."
- **Ease of Assembly:** It allows for quick installation on pre-drilled PCBs without the need for complex mounting brackets.
#### 3. Material and Coating
- **Aluminum (AL6063):** Chosen for its excellent thermal conductivity and lightweight properties.
- **Blue Anodized Finish:** This is not just aesthetic; anodizing protects the aluminum from corrosion and slightly improves radiant heat transfer.
---
### Dimensioning Reference
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 40.00 |
| **Width (B)** | 40.00 |
| **Height (C)** | 20.00 |
| **Pitch (E)** | 33.00 |
| **Pitch (F)** | 33.00 |
---
### Usage Context
This specific heat sink is typically used in:
* **Networking Equipment:** Switches and routers where airflow is controlled.
* **Industrial PCs:** For cooling high-speed logic controllers.
* **Embedded Systems:** Where space is constrained but thermal loads are high.
- ⤷
What are the different pushPIN material options for this series?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ Is a pre-applied thermal interface material (TIM) included with this part number?