ATS-04B-189-C2-R0
AI

The **ATS-04B-189-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Resistance** | 2.43°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
| **Pressure Type** | Low Pressure |
| **Spring Type** | Compression Spring |
---
### 2. Electronic Application & Cooling Mechanism
This part is categorized as an **active-passive thermal management** component. Its primary function is to increase the surface area of an electronic package to facilitate heat dissipation into the surrounding air.
* **Thermal Interface Material (TIM):** The "R0" suffix typically denotes that the part comes pre-applied with a high-performance thermal interface material (T605), ensuring minimal thermal resistance between the chip and the heat sink.
* **Fin Design:** It utilizes a **cross-cut** or straight fin design (depending on the specific sub-rev) optimized for airflow from cooling fans.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, the push-pin mechanism provides a consistent "preload" force. This ensures constant contact pressure between the heat sink and the electronic component, which prevents air gaps caused by vibration or thermal expansion.
---
### 3. Component Breakdown (Naming Convention)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **04** | Series type (Push-pin attachment) |
| **B** | Material/Design variation |
| **189** | Specific dimension/form factor code |
| **C2** | Thermal performance/Fin configuration |
| **R0** | RoHS compliant and specific packaging/TIM configuration |
---
### 4. Integration Considerations
When integrating the ATS-04B-189-C2-R0 into a PCB design, engineers must account for:
1. **Hole Pattern:** The PCB must have pre-drilled holes matching the push-pin pitch of the heat sink.
2. **Keep-out Zone:** Ensure no small capacitors or resistors are placed directly under the heat sink footprint to avoid mechanical interference.
3. **Airflow Direction:** Maximum efficiency is achieved when the fins are aligned with the system's chassis airflow.
- ⤷
What are the specific PCB hole dimensions required for the ATS push-pin mounting?
- ⤷ How does the blue anodized finish affect the thermal emissivity of this heat sink?
- ⤷ Can this heat sink be used with a custom spring for higher pressure applications?