ATS-04B-210-C2-R0
AI

The **ATS-04B-210-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 12.7mm |
| **Thermal Resistance** | 5.18°C/W (at 100 LFM) |
| **Fin Pattern** | Straight Fin |
| **Weight** | ~45 grams |
---
## Key Components & Design Features
### 1. The Heat Sink Body
The body is constructed from high-grade aluminum. It uses a **straight fin** design which is optimized for airflow from a fan. The low profile (12.7mm height) makes it suitable for tight spaces like 1U rack servers or slim embedded devices.
### 2. pushPIN™ Attachment System
Instead of using adhesive or simple clips, this model uses the proprietary ATS pushPIN™ mechanism:
* **Plastic/Brass Pins:** Inserted into pre-drilled holes in the PCB.
* **Compression Springs:** These ensure a consistent, pre-determined pressure is applied to the component, maximizing thermal contact.
### 3. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with a **pre-applied thermal interface material**. This is a phase-change material or thermal pad on the base of the heat sink, eliminating the need for manual application of thermal paste.
### 4. Blue Anodized Finish
The surface is treated with a blue anodized coating. While aesthetic, it also provides:
* Increased corrosion resistance.
* Enhanced surface emissivity (minor improvement in heat radiation).
---
## Application Scenarios
* **Networking Hardware:** Cooling ASICs in switches and routers.
* **Embedded Systems:** Industrial PCs where mechanical stability is required (vibration resistance).
* **Power Electronics:** Dissipating heat from high-power MOSFETs or voltage regulators.
- ⤷
What are the specific hole patterns required on the PCB for this heat sink?
- ⤷ How does the thermal resistance change at higher airflow rates (LFM)?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?